Part Number Hot Search : 
F08A40 Q2012NH5 0504A1 1N4744A CTGS104 M1610 BM200 215SH3
Product Description
Full Text Search
 

To Download EC21A1540401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  encoder type potentiometer type 455 hollow shaft type devices 21mm size encoder type ec21a series hollow-center shaft encoder with 4mm height contribute to space saving and multifunctioning. hollow shaft type devices no. product line 10ma 5v dc 50,000cycles rating items specifications operating life without load with load 50,000cycles typical specifications vertical 9 16 ? 7 7 ? 5 30 18 15 9 without ec21a1520401 EC21A1540401 ec21a0920401 product no. 1 2 no. push-on switch operating direction actuator length  mm  detent torque  mn ~ m  number of detent number of pulse 600 minimum order unit  pcs.  1.5 2 90 ? c a b 22.3 16 2.6 1.8 2 2 .6 23.6 1 6 .6 2 3 .2 31 holes 1 .5 h ole 90 ? 5 dimensions unit:mm pc board mounting hole dimensions  do not wire the shaded area  1.5 90 ? c a b 22.3 2.6 2 .6 23.6 1 6 . 6 2 3 .2 31 holes 90 ? 5 style 1 2 photo           ?   ? 
   
   ?   ?       
           ?   ? 
   
   ?   ?       

encoder type potentiometer type 448 hollow shaft type devices hollow shaft type devices f the operating temperature range for automotive applications can be raised upon request. please contact us for requirements of this kind. note soldering dimensions ? mm  outline specifications shaft types operating direction number of pulse/ number of detent push switch  travel mm  optional functions w d h manual soldering type photo output changeover angle series dip soldering reflow soldering operating temperature range list of varieties incremental without encoder 21.6 4 ec21a 21mm size 455 vertical 9/18 15/30 hollow shaft 15/30 28 29 ec28a 28mm size 456 ?0 ? to  85 ? terminal strength vibration actuator strength rotational direction push direction 100m 
min. 250v dc 300v ac for 1minute 16 ? 7mn k m 12 ? 7mn k m 5n for 1minute 100n 100n ?0 ? 2 ? for 240h 85 ? 2 ? for 240h 60 ? 2 ? , 90 to 95%rh for 240h 260 ? 5 ? , 5 ? 1s 2.5v max. at 5v dc,1ma  resistive load  10 to 55 to 10hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of x, y and z for 2 hours respectivel y 20 ? 10mn k m page voltage proof mechanical performance environmental performance output voltage rotational torque cold dry heat damp heat insulation resistance electrical performance 35mm size 350 ? max. 3s max. 2.5v max. at 5v dc,0.5ma  resistive load  ?0 ? 3 ? for 240h 85 ? 3 ? for 240h 15 35 35 37 abc ec35ah 6 g abc ? 18 10 g abc ? 30 457 458 18 ? 7mn k m 21.35 incremental/ self-returen switch ec35b 15  30 20 ? 10mn k m 2.5v max. at 5v dc,1ma  resistive load  12 ? 40.4 41.6 9 44.5 45 incremental absolute 31 position ec40a 40mm size ec45a 45mm size 459 460 shall be in accordance with individual specifications. 50n 10m 
min. 50v dc 50v ac for 1minute 3n for 10s. 40 ? 2 ? , 90 to 95 ? rh for 240h 260 ? max. 5s max. 2.5v max.at 5v dc,0.5ma  resistive load  20 ? 11mn k m 15 ? 30 incremental 12 ? 462 61.8 11.5 ec60a 60mm size 10m 
min. 500v dc 500v ac for 1minute 40 ? 20mn k m self-return switch specifications items ec35b circuit ~ number of contacts single pole and double throw  self-return  2.8 ?  3.8 ?  15 ? 5 ? 40 ?n n ~ m 10ma 5v dc 200m 
max. 15,000 cycles travel  mm  push operating force  n  switch on position ratational torgue rating contact resistance operating life ? )pmmpx4ibgu5zqf%fwjdf$bvujpot ?????????????????????????????   


▲Up To Search▲   

 
Price & Availability of EC21A1540401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X